Part Number Hot Search : 
MN5200 3045C CPC6826 P06P03 721RP 12F60UC KP8M6 10E12
Product Description
Full Text Search
 

To Download 1N7037CCU1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  t4 - lds - 0235, rev . 1 (11 1959) ?2011 microsemi corporation page 1 of 5 1N7037CCU1 available on commercial versions silicon dual schottky power rectifier 35 a mp , 1 00 v olt qualified per mil - prf - 19500/730 qualified levels: jan, jantx, and jantxv description th is low - profile, dual schottky rectifier device is military qualified up to a jantxv level for high - reliability applications. microsemi also offers numerous other products to meet higher and lower power voltage regulation applications. u1 (smd - 1) packag e also available in : to - 254 package ( leaded ) 1n7043ca t1 & 1n7043 cct1 important: for the latest information, visit our website http://www.microsemi.com . features ? jedec registered equivalent of 1n7037 . ? hermetically sealed surface mount ceramic package. ? jan, jantx, and jantxv qualifications are available per mil - prf - 19500/730 . ? rohs compliant versio ns available (commercial grade only). applications / benefits ? low f orward v oltage d rop. ? high f requency o peration. ? lightweight. m axim um ratings @ t a = +25 o c unless otherwise noted msc ? law rence 6 lake street, lawrence, ma 01841 tel: 1 - 800- 446- 1158 or (978) 620 - 2600 fax: (978) 689 - 0803 msc ? ireland gort road business park, ennis, co. clare, ireland tel: +353 (0) 65 6840044 fa x: +3 53 (0) 65 6822298 website: www.microsemi.com parameters/test conditions symbol value unit junction and storage temp erature t j and t stg - 65 to + 150 o c t hermal resistance junction - to - case ( 1.6 o c/w maximum) r ? j c 0.8 o c /w working peak reverse voltage v rw m 100 v junction capacitance c j 600 pf average dc output current @ t c = 1 00 o c i o 35 a non - repetitive sinusoidal surge current @ t p = 8.3 ms , t c = +25 o c i fsm 250 a
t4 - lds - 0235, rev . 1 (11 1959) ?2011 microsemi corporation page 2 of 5 1N7037CCU1 mechanical and packaging ? case: ceramic and g old over n ickel p lated s teel . ? terminal s : gold over n ickel p lated t ungsten/ c opper . ? marking: part number, date code, and polarity symbol. ? polarity: see schematic on last page. ? w eight: 2.25 grams . ? see p ackage d imensions on last page. part nomenclature jan 1n 7037 cc u 1 (e3) reliability level jan = jan level jantx = jantx level jantxv = jantxv level blank = commercial jedec type number rohs compliance e3 = rohs compliant ( available on commercial grade only ) blank = non - rohs compliant surface mount package type common cathode p olarity symbols & definitions symbol definition c j junction capacitance: the junction capacitance in pf at a specified frequenc y (typically 1mhz) and specified voltage. i f forward current: the forward current dc value, no alternating component. i r reverse current: the maximum reverse (leakage) current that will flow at the specified voltage and temperature. t j junction temper ature: the temperature of a semiconductor junction. v f forward voltage: the forward voltage the device will exhibit at a specified current (typically shown as maximum value). v r reverse voltage: the reverse voltage dc value, no alternating component.
t4 - lds - 0235, rev . 1 (11 1959) ?2011 microsemi corporation page 3 of 5 1N7037CCU1 electrical characteristics @ t a = + 25 o c unless otherwise noted parameters / test conditions symbol min. max. unit off charactertics forward voltage* i f = 1 5 a i f = 3 5 a i f = 35 a, t c = - 55 c i f = 35 a, t c = +1 25 c v f 0.90 1. 22 1. 35 1.0 0 v reverse current v r = 100 v v r = 100 v, t c = + 1 2 5 c i r . 5 00 1 5 m a * pulse test: pulse width 300 sec, d uty cycle 2% .
t4 - lds - 0235, rev . 1 (11 1959) ?2011 microsemi corporation page 4 of 5 1N7037CCU1 graphs average forward current i f (av) (a) figure 1 temperature - current derating t1, rectangular pulse duratio n (sec) figure 2 thermal impedance allowable case temperature ( o c) thermal impedance ? z ?jx ( o c/w)
t4 - lds - 0235, rev . 1 (11 1959) ?2011 microsemi corporation page 5 of 5 1N7037CCU1 package dimensions no t es: 1. dimensions are in inches. 2. milli meters are given for general information onl y . 3. in accordance w ith asme y14.5m, diameters are equivalent to x s y mbolog y . schematic s y mbol dimensions inches millimeters min max min max bl .620 .630 15.75 16.00 bw .445 .455 11.30 11.56 ch .129 .139 3.28 3.53 lh .010 .020 0.26 0.51 l w 1 .370 .380 9.40 9.65 l w 2 .135 . 145 3.43 3.68 ll1 .410 .420 10.41 10.67 ll2 .152 .162 3.86 4.12 ls1 .200 .220 5.08 5.59 ls2 .100 .110 2.54 2.79 q1 .03 0 0. 76 q2 . 035 0.89 term 1 cathode term 2 see schematic term 3 see schematic


▲Up To Search▲   

 
Price & Availability of 1N7037CCU1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X